Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 129 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 129 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 125Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 126Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 127Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 128Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 129Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 130Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 131Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 132Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 133Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-127
Table 3.8.2 PWM Cycle
at fc
= 20 MHz, fs = 32.768 kHz
PWM cycle
2
6
− 1
2
7
− 1
2
8
− 1
Select System
Clock
<SYSCK>
Select
Prescaler Clock
<PRCK1:0>
Gear Value
<GEAR2:0>
φP1
φP4
φP16
φP1
φP4
φP16
φP1
φP4
φP16
1 (fs)
XXX
7.69 ms
30.8 ms
123 ms
15.5 ms
62.0 ms
248 ms
31.1 ms
125 ms
498 ms
000 (fc)
12.6
µs
50.4
µs
201.6
µs 25.4 µs
101.6
µs406.4 µs 51.0 µs
204.0
µs 816.0 µs
001 (fc/2)
25.2 µs
100.8 µs403.2 µs
50.8 µs
203.2 µs812.8 µs
102.0 µs
408.0 µs
1.63 ms
010 (fc/4)
50.4 µs
201.6 µs806.4 µs101.6 µs406.4 µs
1.63 ms
204.0 µs
816.0 µs
3.26 ms
011 (fc/8)
100.8
µs403.2 µs 1.61 ms
203.2
µs812.8 µs 3.25 ms
408.0
µs 1.63 ms
6.53 ms
0 (fc)
00
(fFPH)
100 (fc/16)
201.6 µs806.4 µs
3.23 ms
406.4 µs
1.63 ms
6.50 ms
816.0 µs
3.26 ms
13.06 ms
XXX
01
(Low frequency)
XXX
7.69 ms
30.8 ms
123 ms
15.5 ms
62.0 ms
248 ms
31.1 ms
125 ms
498 ms
XXX
10
(fc/16 clock)
XXX
201.6 µs806.4 µs
3.23 ms
406.4 µs
1.63 ms
6.50 ms
816.0 µs
3.26 ms
13.06 ms
XXX: Don’t care
(2) 8-bit timer mode
Both PWM timers can be used independently as 8-bit interval timers. Since both timers
operate in exactly the same way, PWM0 (timer 2) is used for the purposes of explanation.
1. Generating interrupts at a fixed interval
To generate timer 2 interrupt (INTT2) at a fixed interval using the PWM0 timer, first
stop PWM0, then set the operating mode, input clock, and interval in the P0MOD and
TREG2 registers. Next, enable INTT2 and start counting PWM0.
Example: To generate a timer 2 interrupt every 32
µs at fc = 20 MHz, set registers as
follows:
Clock condition
System clock:
High frequency (fc)
Clock gear:
1 (fc)
Prescaler clock: fFPH
7
6
5
4
3
2
1
0
TRUN
← − X − − − 0 − −
Stops PWM timer 0 and clears it.
P0MOD
← X 0 1 1 0 0 X X
Sets 8-bit timer mode and selects
φP1 (0.2 µs) and
compare interrupt.
TREG2
← 1 0 1 0 0 0 0 0
Sets A0H (
= 32 µs ÷ 0.2 µs) in the timer register.
INTEPW10
← − − − − 1 1 0 0
Enables INTT2 and sets interrupt level 4.
TRUN
← 1 X − − − 1 − −
Starts counting PWM0.
X: Don’t care,
−: No change
Select an input clock using Table 3.8.1.
Note: To generate interrupts in 8-bit timer mode, bit5 (Interrupt control bit <PWM0INT> of
P0MOD) must be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com