Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 137 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 137 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 133Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 134Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 135Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 136Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 137Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 138Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 139Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 140Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 141Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-135
7
6
5
4
3
2
1
0
Bit symbol
TFF5C1
TFF5C0
CAP2T4
CAP1T4
EQ5T4
EQ4T4
TFF4C1
TFF4C0
Read/Write
W
R/W
R/W
R/W
R/W
W
After reset
1
1
0
0
0
0
1
1
TFF4 invert trigger
0: Disable trigger
1: Enable trigger
Function
00: Invert
TFF5
01: Set
TFF5
10: Clear
TFF5
11: Don’t care
* Always read as “11”
Inverted
when the UC
value is
latched to
CAP2
Inverted
when the UC
value is
latched to
CAP1
Inverted
when the UC
value matches
TREG5
Inverted
when the UC
value matches
TREG4
00: Invert
TFF4
01: Set
TFF4
10: Clear
TFF4
11: Don’t care
* Always read as “11”
Figure 3.9.5 16-Bit Timer 4 F/F Control (T4FFCR)
00
Inverts the TFF4 value (Software inversion)
01
Sets TFF4 to “1”
10
Clear TFF4 to “0”
11
Don’t care (Always read as “11”)
Timer flip-flop 4 (TFF4) control
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)
Timer flip-flop 4 (TFF4) invert trigger
CAP2T4: Inverted when the up counter value is latched to CAP2
CAP1T4: Inverted when the up counter value is latched to CAP1
EQ5T4: Inverted when up counter matches TREG5
EQ4T4: Inverted when up counter matches TREG4
00
Inverts the TFF5 value (Software inversion)
01
Set TFF5 to “1”
10
Clear TFF5 to “0”
11
Don’t care (Always read as “11”)
Timer flip-flop 5 (TFF5) control
T4FFCR
(0039H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com