Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 140 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 140 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 136Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 137Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 138Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 139Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 140Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 141Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 142Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 143Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 144Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-138
7
6
5
4
3
2
1
0
Bit symbol
CAP4T6
CAP3T6
EQ7T6
EQ6T6
TFF6C1
TFF6C0
Read/Write
R/W
R/W
R/W
R/W
W
After reset
0
0
0
0
1
1
TFF6 invert trigger
0: Disable trigger
1: Enable trigger
Function
Inverted
when the
UC value is
latched to
CAP4
Inverted
when the
UC value is
latched to
CAP3
Inverted
when the
UC value
matches
TREG7
Inverted
when the
UC value
matches
TREG6
00: Invert
TFF6
01: Set
TFF6
10: Clear
TFF6
11: Don’t care
* Always read as “11”
Figure 3.9.8 16-Bit Timer 5 F/F Control (T5FFCR)
00
Inverts the TFF6 value (Software inversion)
01
Sets TFF6 to “1”
10
Clear TFF6 to “0”
11
Don’t care (Always read as “11”)
Timer flip-flop 6 (TFF6) control
0
Trigger disable (Invert prohibition)
1
Trigger enable (Invert permission)
Timer flip-flop 6 (TFF6) invert trigger
CAP4T6: Inverted when the up counter value is latched to CAP4
CAP3T6: Inverted when the up counter value is latched to CAP3
EQ7T6:
Inverted when up counter matches TREG7
EQ6T6:
Inverted when up counter matches TREG6
T5FFCR
(0049H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com