Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 143 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 143 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 139Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 140Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 141Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 142Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 143Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 144Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 147Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-141
1. Prescaler
There are 9-bit prescaler and prescaler clock-selection registers to generate input clock
signals for 8-bit timers 0 and 1, 16-bit timers 4 and 5, and serial interfaces 0 and 1.
Figure 3.9.11 shows the block diagram. Table 3.9.1 shows prescaler clock resolution into
8-/16-bit timers.
Figure 3.9.11 Block Diagram of Prescaler
Table 3.9.1 Prescaler Clock Resolution into 8-/16-Bit Timers
at fc
= 20 MHz, fs = 32.768 kHz
Prescaler Clock Resolution
Select
System Clock
<SYSCK>
Select Prescaler Clock
<PRCK1:0>
Gear Value
<GEAR2:0>
φT1
φT4
φT16
φT256
1 (fs)
XXX
fs/2
3 (244
µs)
fs/2
5 (977
µs)
fs/2
7 (3.9 ms)
fs/2
11 (62.5 ms)
000 (fc)
fc/2
3 (0.4
µs)
fc/2
5 (1.6
µs)
fc/2
7 (6.4
µs)
fc/2
11 (102.4
µs)
001 (fc/2)
fc/2
4 (0.8
µs)
fc/2
6 (3.2
µs)
fc/2
8 (12.8
µs)
fc/2
12 (204.8
µs)
010 (fc/4)
fc/2
5 (1.6
µs)
fc/2
7 (6.4
µs)
fc/2
9 (25.6
µs)
fc/2
13 (409.6
µs)
011 (fc/8)
fc/2
6 (3.2
µs)
fc/2
8 (12.8
µs)
fc/2
10 (51.2
µs) fc/214 (819.2 ms)
0 (fc)
00
(fFPH)
100 (fc/16)
fc/2
7 (6.4
µs)
fc/2
9 (25.6
µs)
fc/2
11 (102.4
µs) fc/215 (1.64 ms)
XXX
01
(Low-frequency clock)
XXX
fs/2
3 (244
µs)
fs/2
5 (977
µs)
fs/2
7 (3.9 ms)
fs/2
11 (62.5 ms)
XXX
10
(fc/16 clock)
XXX
fc/2
7 (6.4
µs)
fc/2
9 (25.6
µs)
fc/2
11 (102.4
µs) fc/215 (1.64 ms)
XXX: Don’t care
Note: The fc/16 clock cannot be used as a prescaler
clock when the fs is used as a system clock.
16-bit timer
8-bit timer
To 8-bit timers 0 and
1
9-bit prescaler
XT1
fs
φT1
φT4
φT16
φT256
fFPH
2
To CPU
÷4 ÷8 ÷16
X1
÷2
SYSCR1<GEAR2:0>
SYSCR1<SYSCK>
fc
fc/2 fc/4 fc/8 fc/16
SYSCR0
<PRCK1:0>
Run/stop
& clear
TRUN<PRRUN>
8
32
2
4
16
2 4
128
64
256 512
2
φT1
φT4
φT16
To 16-bit timers 4 and
5
φ1
φT0
φT2
φT8
φT32
To serial interfaces
0 and 1
To 8-bit PWM prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com