Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 147 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 147 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 143Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 144Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 151Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-145
(1) 16-bit timer mode
Generating interrupts at fixed intervals:
In this example, the interval time is set in the timer register TREG5 to generate the
interrupt INTTR5.
7
6
5
4
3
2
1
0
TRUN
← − X − 0 − − − −
Stop timer 4.
INTET54
← 1 1 0 0 1 0 0 0
Enable INTTR5 and set interrupt level 4. Disable INTTR4.
T4FFCR
← 1 1 0 0 0 0 1 1
Disable trigger.
T4MOD
← 0 0 1 0 0 1 * *
Select internal clock for input and
disable the capture function.
TREG5
← *
*
*
*
*
*
*
*
Set the interval time (16 bits).
*
*
*
*
*
*
*
*
TRUN
← 1 X − 1 −− −−
Start timer 4.
X: Don’t care,
−: No change
(2) 16-bit event counter mode
In 16-bit timer mode as described in (1) above, the timer can be used as an event counter
by selecting the external clock (TI4 pin input) as the input clock. To read the value of the
counter, first perform “software capture” once and read the captured value.
The counter counts at the rising edge of the TI4 pin input.
The TI4 pin can also be used as P80 or INT4.
7
6
5
4
3
2
1
0
TRUN
← − X − 0 − − − −
Stop timer 4.
P8CR
← − − − − − − − 0
Set P80 to input mode.
INTET54
← 1 1 0 0 1 0 0 0
Enable INTTR5 and sets interrupt level 4, while disables
INTTR4.
T4FFCR
← 1 1 0 0 0 0 1 1
Disable trigger.
T4MOD
← 0 0 1 0 0 1 0 0
Select TI4 as the input clock.
TREG5
← *
*
*
*
*
*
*
*
Set the number of counts (16 bits).
*
*
*
*
*
*
*
*
TRUN
← 1 X − 1 − − − −
Start timer 4.
Note: When using this set up as an event counter, set the prescaler in RUN mode.
(3) 16-bit programmable pulse generation (PPG) output mode
The PPG mode is obtained by inversion of the timer flip-flop TFF4 that is enabled by the
match of the up counter UC4 with either of the timer registers TREG4 or TREG5. TFF4 is
also output to TO4 (which can be alternatively used as P82). In this mode, the following
conditions must be satisfied:
(Set value of TREG4) < (Set value of TREG5)
(**
= 01, 10, 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com