Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 148 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 148 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 144Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 152Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-146
7
6
5
4
3
2
1
0
T45CR
← 0 X X X − − − 0
Disable double buffer of TREG4.
TRUN
← − X − 0 − − − −
Stop timer 4.
TREG4
← *
*
*
*
*
*
*
*
Set the duty. (16 bits)
*
*
*
*
*
*
*
*
TREG5
← *
*
*
*
*
*
*
*
Set the cycle. (16 bits)
*
*
*
*
*
*
*
*
T45CR
← 0 X X X − − − 1
Enable double buffer of TREG4.
(Change the duty and cycle at the interrupt INTTR5.)
T4FFCR
← 1 1 0 0 1 1 0 0
Set the mode to invert TFF4 at the match with TREG4 or
TREG5, and also set TFF4 to “0”.
T4MOD
← 0 0 1 0 0 1 * *
Select the internal clock for the input, and disable the
capture function.
P8CR
← − − − − − 1 − −
P8FC
← X − X X − 1X X
Assign P82 as TO4.
TRUN
← 1 X − 1 −− − −
Start timer 4.
X: Don’t care, −: No change
Figure 3.9.12 Programmable Pulse Generation (PPG) Output Waveforms
When the double buffer of TREG4 is enabled in this mode, the value of register buffer 4
will be shifted into TREG4 on finding a match with TREG5. This feature makes the
handling of low duty waves easy.
Figure 3.9.13 Operation of Register Buffer
(**
= 01, 10, 11)
Match with TREG4
(Interrupt INTTR4)
Match with TREG5
(Interrupt INTTR5)
TO4 pin
Match with TREG4
Match with TREG5
TREG4
(Value to be
compared)
Register buffer
Up counter
= Q1
Up counter
= Q2
Q1
Q2
Q2
Q3
Shift into TREG5
Write into TREG4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com