Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 145 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 145 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 141Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 142Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 143Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 144Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 149Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-143
The TREG4 timer register is a double buffer structure, which is paired with a register
buffer. The timer control register T45CR<DB4EN> controls whether the double buffer
structure should be enabled or disabled. It is disabled when <DB4EN>
= 0, and enabled
when <DB4EN>
= 1.
When the double buffer is enabled, the timing of data transfer from the register buffer to
the timer register is at the match between the up counter (UC4) and timer register TREG5.
When reset, <DB4EN> will be initialized to “0”; this disables the double buffer. To use the
double buffer, write data in the timer register, set <DB4EN>
= 1, and then write the data
which follows to the register buffer.
TREG4 and the register buffer are allocated to the same memory addresses
000030H/000031H. When <DB4EN>
= 0, the same value will be written in both the timer
register and in the register buffer. When <DB4EN>
= 1, the value is written only into the
register buffer. Therefore, to write the initial value into the timer register, the register
buffer should be disabled.
4. Capture registers
These 16-bit registers are used to hold the values of the up counter.
Data in the capture registers should be read all 16 bits. For example, by a 2-byte data
load instruction or by two 1-byte data load instructions, starting from the lower 8 bits
followed by the upper 8 bits.
Lower 8 bits
(TREG4L)
Upper 8 bits
(TREG4H)
TREG5
000033H
000032H
000041H
000040H
TREG6
000031H
000030H
TREG4
Lower 8 bits
(TREG6L)
Upper 8 bits
(TREG6H)
Lower 8 bits
(TREG5L)
Upper 8 bits
(TREG5H)
TREG7
000043H
000042H
Lower 8 bits
(TREG7L)
Upper 8 bits
(TREG7H)
Timer 4
Timer 5
Lower 8 bits
(CAP1L)
Upper 8 bits
(CAP1H)
CAP2
000037H
000036H
000045H
000044H
CAP3
000035H
000034H
CAP1
Lower 8 bits
(CAP3L)
Upper 8 bits
(CAP3H)
Lower 8 bits
(CAP2L)
Upper 8 bits
(CAP2H)
CAP4
000047H
000046H
Lower 8 bits
(CAP4L)
Upper 8 bits
(CAP4H)
Timer 4
Timer 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com