Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 146 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 146 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 142Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 143Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 144Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 150Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-144
5. Capture input control
This circuit controls the timing of latching the value of up counter UC4 into CAP1 and
CAP2. The latch timing of the capture register is controlled by register
T4MOD<CAP12M1:0>. There are four possible settings:
•
When T4MOD<CAP12M1:0>
= 00
Capture function is disabled. Disable is the default on resetting.
•
When T4MOD<CAP12M1:0>
= 01
Data are loaded to CAP1 at the rising edge of the TI4 pin (which is also used as P80
or INT4) input, while data are loaded to CAP2 at the rising edge of the TI5 pin (also
used as P81 or INT5) input. (Time difference measurement.)
•
When T4MOD<CAP12M1:0>
= 10
Data are loaded to CAP1 at the rising edge of the TI4 pin input, and to CAP2 at the
falling edge. Only in this setting, interrupt INT4 occurs at the falling edge. This results
in pulse width measurement.
•
When T4MOD<CAP12M1:0>
= 11
Data are loaded to CAP1 at the rising edge of timer flip-flop TFF1, and to CAP2 at
the falling edge.
Besides, the value of the up counter can be loaded to capture registers by software.
Whenever “0” is written in T4MOD<CAP1IN>, the current value of the up counter will
be loaded to capture register CAP1. It is necessary to keep the prescaler in RUN mode
(TRUN<PRRUN> has to be 1).
6. Comparator
There are 16-bit comparators which compare the up counter UC4 value with the values
set in TREG4 and TREG5 to detect matches. When a match is detected, these comparators
generate interrupts INTTR4 or INTTR5 respectively. The up counter UC4 is cleared only
when UC4 matches TREG5. The clearing of up counter UC4 can be disabled by setting
T4MOD<CLE>
= 0.
7. Timer flip-flop (TFF4)
This flip-flop is inverted by the match detect signal from the comparators or the latch
signals to the capture registers. Disable or enable of inversion can be set for each element
by T4FFCR<CAP2T4, CAP1T4, EQ5T4 and EQ4T4>. TFF4 will be inverted when “00” is
written in T4FFCR<TFF4C1:0>. Also it is set to “1” when “01” is written, and cleared when
“10”S is written. The value of TFF4 can be output to the timer output pin TO4 (which is also
used as P82). TFF4 is undefined on resetting.
8. Timer flip-flop (TFF5)
This flip-flop is inverted when the comparator detects that the up counter signal (UC4)
and the contents of the timer register TREG5 match, or when the contents of the up counter
are latched to the capture register CAP2. Disable or enable of inversion can be set for each
element by T4MOD<CAP2T5 and EQ575>. TFF5 will be inverted when “00” is written in
T4FFCR<TFF5C1:0>. Also it is set to “1” when “01” is written, and cleared when “10” is
written. The value of TFF5 can be output to the timer output pin TO5 (also used as P83).
TFF5 is undefined on resetting.
Note:
This flip-flop (TFF5) is contained only in the 16-bit timer 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com