Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 150 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 150 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 152Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 154Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-148
1. One-shot pulse output from external trigger pulse
To program this application, set the up counter UC4 in free-running mode with the
internal input clock, input the external trigger pulse from the TI4 pin, and load the value of
the up counter into capture register CAP1 at the rising edge of the TI4 pin. Then set
T4MOD<CAP12M1:0>
= 01.
When the interrupt INT4 is generated at the rising edge of the TI4 input, set the CAP1
value (c) plus a delay time (d) to TREG4 (
= c + d), and set the above set value (c + d) plus a
one-shot pulse width (p) to TREG5 (
= c + d + p). When the interrupt INT4 occurs, the
T4FFCR<EQ5T4 and EQ4T4>register should be set so that the TFF4 inversion is enabled
only when the up counter value matches TREG4 or TREG5. When interrupt INTTR5
occurs, this inversion will be disabled.
Figure 3.9.15 One-shot Pulse Output (with delay)
c
+ d
Counter clock
(Internal clock)
TI4 pin input
(External trigger pulse)
Match with TREG4
Match with TREG5
Timer output pin TO4
Load the up counter value into capture
register 1 (CAP1) when INT4 occurs
c
+ d + p
Set the counter in free-running mode.
INTTR5 occurrence
Enable
inversion
Disable inversion
caused by loading
of the up counter
value into CAP1.
Enable
inversion
Delay time
Pulse width
(d)
(p)
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com