Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 151 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 151 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 152Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 154Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 155Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-149
Setting example: To output a 2 ms one-shot pulse to the external trigger pulse to TI4 pin,
with 3 ms delay
Clock condition
System clock:
High frequency (fc)
Clock gear:
1 (fc)
Prescaler clock:
fFPH
Main setting
Keep counting (Free running)
Count with
φT1.
T4MOD
← − − 1 01 00 1
Load the up counter value into CAP1 at the rising edge of
TI4 pin input.
T4FFCR
← 1 1 0 0 0 0 1 0
Clear TFF4 to zero.
Disable TFF4 inversion.
P8CR
← − − − − − 1 − −
P8FC
← X − X X − 1X X
Select P82 as the TO4 pin.
INTE45
← − − − − 1 1 0 0
Enable INT4, and disable INTTR4 and INTTR5.
INTET54
← 1 0 0 0 1 0 0 0
TRUN
← 1 X − 1 − − − −
Start timer 4.
Setting of INT4
TREG4
←
CAP1
+ 3 ms/φT1
TREG5
←
TREG4
+ 2 ms/φT1
T4FFCR
← − − − − 11 − −
Enable TFF4 inversion when the up counter value
matches TREG4 or TREG5.
INTET54
← 1 1 0
0
− − − −
Enable INTTR5.
Setting of INTTR5
T4FFCR
← − − − −
0
0
− −
Disable TFF4 inversion when the up counter value
matches TREG4 or TREG5.
INTET54
← 1 0 0 0
−
−
− −
Disable INTTR5.
X: Don’t care, −: No change
When a delay time is unnecessary, invert the timer flip-flop TFF4 by loading the up
counter value into capture register 1 (CAP1). Then set TREG5 to the CAP1 value (c) plus
the one-shot pulse width (p) when an INT4 interrupt occurs. The TFF4 inversion should be
enabled when the up counter (UC4) value matches TREG5, and disabled when generating
the interrupt INTTR5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com