Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 152 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 152 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 148Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 152Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 154Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 155Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 156Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-150
Figure 3.9.16 One-shot Pulse Output (without delay)
2. Frequency measurement
The frequency of the external clock can be measured in this mode. The clock signal is
input through the TI4 pin, and its frequency is measured by the 8-bit timers (Timer 0 and
timer 1) and the 16-bit timer/event counter (Timer 4).
The TI4 pin input should be selected for the clock input of timer 4. The value of the up
counter is loaded into the capture register CAP1 at the rising edge of the timer flip-flop
TFF1 of the 8-bit timers (Timer 0 and timer 1). Similarly, the up counter value is loaded
into CAP2 at the falling edge of the TFF1 flip-flop.
The frequency is calculated by the difference between the values loaded in CAP1 and
CAP2, at the moment when an interrupt (INTT0 or INTT1) is generated by either 8-bit
timer.
Figure 3.9.17 Frequency Measurement
For example, if the value for the level “1” width of TFF1 of the 8-bit timer is set to 0.5 s
and the difference between CAP1 and CAP2 is 100, the frequency will be 100
÷ 0.5 s = 200
Hz.
Count clock
(Internal clock)
c
TI4 pin input
(External trigger pulse)
Match with TREG5
Timer output pin TO4
Enable inversion caused
by loading of the up
counter value into CAP1.
Disable inversion caused by loading of the
up counter value into CAP2.
INT4 occurrence. Load the up counter
value into capture register 1 (CAP1).
Load the up counter value into
capture register 2 (CAP2).
Enable
inversion
Pulse width
(p)
INTTR5
occurrence
c
+ p
C1
TFF1
C1
Loading UC4 into CAP1
Loading UC4 into CAP2
Count clock
(Internal clock)
INTT0/INTT1
C2
C2
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com