Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 153 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 153 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 149Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 150Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 152Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 154Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 155Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 156Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 157Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-151
3. Pulse width measurement
This mode allows measurement of the H level width of an external pulse. While keeping
the 16-bit timer/event counter counting (Free running) with the internal clock input, the
external pulse is input via the TI4 pin. Then the capture function is used to load the UC4
values into CAP1 and CAP2 on the rising edge and falling edge of the external trigger pulse
respectively. The interrupt INT4 occurs at the falling edge of TI4.
The pulse width is obtained from the difference between the values of CAP1 and CAP2
and the internal clock cycle.
For example, if the internal clock is 0.8
µs and the difference between CAP1 and CAP2 is
100, the pulse width will be 100
× 0.8 µs = 80 µs.
Figure 3.9.18 Pulse Width Measurement
Note:
External interrupt INT4 occurs at the falling edge of the TI4 pin input only in this pulse
width measuring mode (T4MOD<CAP12M1:0> = 10). In other modes, it occurs at the
rising edge.
The width of the L level can be measured from the difference between the first C2 and the
second C1 at the second INT4 interrupt.
4. Time difference measurement
This mode is used to measure the difference in time between the rising edges of external
pulses input via TI4 and TI5.
While keeping the 16-bit timer/event counter (Timer 4) counting (Free running) with the
internal clock, the UC4 value is loaded into CAP1 on the rising edge of the input pulse to
TI4. Then the interrupt INT4 is generated.
Similarly, the UC4 value is loaded into CAP2 on the rising edge of the input pulse to TI5,
generating the interrupt INT5.
The time difference between these pulses can be obtained from the difference between
the time counts at which loading the up counter value into CAP1 and CAP2 was performed.
C1
Count clock
(Internal clock)
TI4 pin
(External pulse)
Loading UC4 into CAP1
Loading UC4 into CAP2
INT4
C2
C1
C1
C2
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com