Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 157 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 157 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 154Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 155Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 156Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 157Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 158Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 159Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 161Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-155
7
6
5
4
3
2
1
0
Bit symbol
PAT1
CCW1
PG1M
PG1TE
PAT0
CCW0
PG0M
PG0TE
Read/Write
R/W
R/W
After reset
0
0
0
0
0
0
0
0
Function
PG1 write
mode
0: 8-bit write
1: 4-bit write
PG1 rotation
direction
0: Normal
rotation
1: Reverse
rotation
PG1 mode
(Excitation)
0: 1-step
excitation
or 2-step
excitation
1: 1-to-2
step
excitation
PG1
trigger
input
enable
0: Disable
1: Enable
PG0 write
mode
0: 8-bit write
1: 4-bit write
PG0
rotation
direction
0: Normal
rotation
1: Reverse
rotation
PG0 mode
(Excitation)
0: 1-step
excitation
or 2-step
excitation
1: 1-to-2
step
excitation
PG0
trigger
input
enable
0: Disable
1: Enable
Figure 3.10.2 Pattern Generation Control Register (PG01CR) (1/2)
PG01CR
(004EH)
0
1- or 2-step excitation (Full step)
1
1-to-2 step excitation (Half step)/PG mode
Set the operation mode for PG0
0
Trigger input disable for PG0
1
Trigger input enable for PG0
PG0 trigger input enable
0
Normal rotation/PG mode
1
Reverse rotation
PG0 (Stepping motor control)
rotation direction control
0
8-bit write
1
4-bit write/PG mode
(Only the shift alternate register can be written.)
Selecting PG0 write mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com