Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 161 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 161 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 157Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 158Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 159Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 161Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 162Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 163Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 164Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 165Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-159
Figure 3.10.7 Connection between Timer and Pattern Generator
(1) Pattern generation mode
When PG01CR<PAT0>
= “1”, PG functions as a pattern generator. In this mode data is
written from the CPU to the shift alternate register only. The pattern data is then written
from the shift alternate register to the pattern generator register synchronized to the shift
trigger interrupt from the timer.
In this mode, PG01CR<PG0M> should be set to “1”, PG01CR<CCW0> to “0”, and
PG01CR<PG0TE> to “1”.
The output from the pattern generator goes to port 6; since port or functions can be
switched by the bit settings in the port function control register, P6FC, any port pin can be
assigned to pattern generator output.
Figure 3.10.8 shows the block diagram for this mode.
Example of Pattern Generation Mode
8-bit timer
(Timers 0 and 1)
16-bit timer 4
16-bit timer 5
Select
A
BS
Select
A
BS
<PG0T>
<PG1T>
PG0
PG1
Port 60 to 63
Port 64 to 67
n
+ 1
n
n
+ 2
n
+ 3
n
− 1
Trigger signal from timer/
timer interrupt
Shift alternate register
output
(SA03 to SA00)
Pattern generator
register output
(PG03 to PG00)
n
n
+ 1
n
+ 2
n
− 1
Shifting data from
SA03 to 00 to PG03 to PG00
Writing data to SA03 to SA00 on
timer interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com