Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 164 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 164 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 161Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 162Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 163Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 164Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 165Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 166Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 167Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 168Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-162
Figure 3.10.10 Output Waveforms for 4-phase 2-step Excitation (Normal rotation)
The output from PG0 (P6) is latched on the rising edge of the trigger signal from the
timer.
The direction of shift is specified by the setting of PG01CR<CCW0>: Normal rotation
(PG00
→PG01→PG02→PG03) is selected when <CCW0> is set to “0”; reverse rotation
(PG00
←PG01←PG02←PG03) is selected when <CCW0> is set to “1”. 4-phase 1-step
excitation will be selected when only one bit is set to “1” during the initialization of PG,
while 4-phase 2-step excitation will be selected when two consecutive bits are set to “1”.
The value in the shift alternate registers are ignored when 4-phase 1-step/2-step
excitation mode is selected.
Figure 3.10.11 shows the block diagram.
Figure 3.10.11 Block Diagram for 4-phase 1-step Excitation/2-step Excitation (Normal rotation)
b4
Trigger signal
from timer
PG00 (P60)
PG01 (P61)
PG02 (P62)
PG03 (P63)
b7
b5
b6
b7
b4
b5
b6
b6
b7
b4
b5
b5
b6
b7
b4
b4
b5
b6
b7
Initial value of PG0REG
= 1100××××
PG03
PG03 (P63)
PG01
PG02
SA03
SA02
SA01
SA00
PG0 output latch
Shift alternate register
Indicates that shifting takes place on
the rising edge of the trigger signal
from the timer.
PG00
b7
b3
b6
b2
b5
b1
b4
b0
PG02 (P62)
PG01 (P61)
PG00 (P60)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com