Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 155 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 155 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 151Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 152Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 153Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 154Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 155Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 156Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 157Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 158Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 159Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-153
Table 3.9.2 Timer Output Periods in Different Phased Pulse Output Mode
(Expressed as counter overflow time)
at fc
= 20 MHz, fs = 32.768 kHz
Counter Overflow Time
System Clock
Selected
<SYSCK>
Prescaler Clock
Selected
<PRCK1:0>
Gear Value
<GEAR2:0>
φT1
φT4
φT16
1 (fs)
XXX
16.0s
64.0 s
256.0 s
000 (fc)
26.21 ms
104.86 ms
419.43 ms
001 (fc/2)
52.43 ms
209.72 ms
838.86 ms
010 (fc/4)
104.86 ms
419.43 ms
1.68 s
011 (fc/8)
209.72 ms
838.86 ms
3.36 s
0 (fc)
00
(fFPH)
100 (fc/16)
419.43 ms
1.68 s
6.71 s
XXX
01
(Low-frequency clock)
XXX
16.0 s
64.0 s
256.0 s
XXX
10
(fc/16 clock)
XXX
419.43 ms
1.68 s
6.71 s
XXX: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com