Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 183 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 183 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 179Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 180Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 181Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 182Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 183Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 184Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 185Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 186Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 187Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-181
2. Baud rate generator
The baud rate generator is a circuit that generates transmission and receiving clocks
to determine the transfer rate of the serial channel.
The input clock to the baud rate generator,
φT0, φT2, φT8, or φT32, is generated by
the 9-bit prescaler which is shared by the timers. One of these input clocks is selected
by the baud rate generator control register BR0CR<BR0CK1:0>.
The baud rate generator includes a 4-bit frequency divider, which divides frequency
by from 2 to 16 to determine the transfer rate.
The method for calculating a transfer rate when the baud rate generator is used is
explained below.
•
UART mode
Input clock for baud rate generator
Baud rate =
Frequency divisor for baud rate generator
÷ 16
•
I/O interface mode
Input clock for baud rate generator
Baud rate =
Frequency divisor for baud rate generator
÷ 2
For example, when the source clock (fc) is 12.288 MHz, the input clock is
φT2 (fc/16),
and the frequency divisor is 5, the transfer rate in UART mode is as follows:
*
Clock configuration
System clock:
High frequency (fc)
Clock gear:
1 (fc)
Prescaler clock: fFPH
fc/16
Baud rate
=
5
÷16
= 12.288 × 106 ÷ 16 ÷ 5 ÷ 16 = 9600 (bps)
Table 3.11.2 shows an example of the transfer rate in UART mode.
Also, using the 8-bit timer 0, the serial channel can generate a transfer rate. Table
3.11.3 shows examples of baud rate settings using timer 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com