Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 187 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 187 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 183Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 184Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 185Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 186Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 187Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 188Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 189Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 190Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 191Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-185
Handshake function
Serial channel 0 has a CTS0 pin. Using this pin, data can be sent in units of one
frame; thus, overrun errors can be avoided. The handshake function is
enabled/disabled by SC0MOD<CTSE>.
When the CTS0 pin goes high, after completion of the current data transmission,
data transmission is halted until the CTS0 pin goes low again. When the INTTX0
interrupt is generated, it requests the next data transmission to the CPU.
Although there is no RTS pin, a handshake function can easily be configured by
assigning any port to the RTS function. The RTS output should be high to request
a halt to data transmission after data receive is completed by software in the RXD
interrupt routine.
Figure 3.11.16 Handshake Function
Note 1: If the CTS signal rises during transmission, the next datum is not sent after completion of the current
transmission.
Note 2: Transmission starts at the first falling edge of the TXDCLK clock after the CTS signal falls.
Figure 3.11.17 Timing of CTS (Clear to send)
RXD
RTS
(Any port)
TXD
CTS
TMP93CS40/S41
TMP93CS40/S41
Sender
Receiver
Send is suspended
from (A) to (B).
Timing to write
to transmission buffer
Bit0
Start bit
13
14
15
16
1
2
3
14
15
16
1
2
3
SIOCLK
TXDCLK
TXD
CTS
(A).
(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com