Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 191 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 191 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 187Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 188Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 189Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 190Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 191Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 192Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 193Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 194Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 195Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-189
1. Transmission
In SCLK output mode, 8-bit data and the synchronous clock are output from the
TXD0 pin and SCLK0 pin respectively, each time the CPU writes data to the
transmission buffer. When all data has been output, INTES0<ITX0C> will be set,
generating the INTTX0 interrupt.
Figure 3.11.20 Transmitting Operation in I/O Interface Mode (SCLK output mode)
(Channel 0)
In SCLK input mode, 8-bit data are output from the TXD0 pin when SCLK0 input
becomes active after data are written to the transmission buffer by the CPU.
When all data have been output, INTES0<ITX0C> will be set, generating the
INTTX0 interrupt.
Figure 3.11.21 Transmitting Operation in I/O Interface Mode (SCLK input mode)
(Channel 0)
Bit0
TXD0
Bit1
Bit6
Bit7
TXDSFT
SCLK0 output
Timing to write
transmission
data
ITX0C (INTTX0
interrupt request)
TXD0
TXDSFT
ITX0C (INTTX0
interrupt request)
SCLK0 input
(SCLKS
= 1: Falling edge mode)
Bit0
Bit1
Bit6
Bit7
Bit5
SCLK0 input
(SCLKS
= 0: Rising edge mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com