Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 188 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 188 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 184Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 185Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 186Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 187Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 188Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 189Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 190Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 191Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 192Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-186
9. Transmission buffer
The transmission buffer (SC0BUF) shifts out and sends the transmission data
written from the CPU in order starting with the least significant bit (LSB). When all
bits have been shifted out, the transmission buffer becomes empty and generates an
INTTX0 interrupt.
10. Parity control circuit
When the serial channel control register SC0CR<PE> is set to 1, it is possible to
transmit and receive data with parity. However, parity can be added only in 7-bit
UART or 8-bit UART modes. The SC0CR<EVEN> register can select even or odd
parity.
During transmission, parity is automatically generated according to the data written
to the transmission buffer SC0BUF. The data are transmitted after the parity bit is
stored in SC0BUF<TB7> in 7-bit UART mode, or in SC0MOD<TB8> in 8-bit UART
mode. <PE> and <EVEN> must be set before the transmission data is written to the
transmission buffer.
During receiving, data are shifted to the receiving buffer 1 and the parity is
automatically set after the data are transferred to the receiving buffer 2 (SC0BUF).
The parity bit is then compared with SC0BUF<RB7> in 7-bit UART mode, or with
SC0MOD<RB8> in 8-bit UART mode. If the bits do not match, a parity error occurs
and the SC0CR<PERR> flag is set.
11. Error flag
Three error flags are provided to increase the reliability of data reception.
1) Overrun error <OERR>
If all bits of the next datum are received in receiving buffer 1 while valid data is
stored in receiving buffer 2 (SC0BUF), an overrun error occurs.
2) Parity error <PERR>
The parity generated for the data shifted into receiving buffer 2 (SC0BUF) is
compared with the parity bit received from the RXD pin. If they are not equal, a
parity error occurs.
3) Framing error <FERR>
The stop bit of the received data is sampled three times in the center of the
pulse. If the majority of the sampled values are “0”, a framing error occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com