Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 194 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 194 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 190Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 191Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 192Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 193Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 194Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 195Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 196Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 197Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 198Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-192
Main setting
7
6
5
4321
0
P9CR
← X X − − − − 0 −
Select P91 (RXD0) as the input pin.
SC0MOD
← − 0 1 X 1 0 0 1
Enable receiving in 8-bit UART mode.
SC0CR
← X 0 1 XXX0 0
Set odd parity.
BR0CR
← 0 X 0 1010 1
Set transfer rate at 9600 bps.
TRUN
← 1 X − − − − − −
Start the prescaler for the baud rate generator.
INTES0
← − − − − 1 1 0 0
Enable INTTX0 interrupt and set interrupt level 4.
Interrupt processing
Acc
← SC0CR AND 00011100
if Acc
≠ 0 then ERROR
Check for error.
Acc
← SC0BUF
Read the received data.
X: Don’t care, −: No change
(4) Mode 3 (9-bit UART mode)
9-bit UART mode can be selected by setting SC0MOD<SM1:0> to 11. In this mode, a
parity bit cannot be set.
During transmission, the MSB (9th bit) is written to the serial channel mode register
<TB8>. During receiving it is stored in the serial channel control register <RB8>.
When the buffer is written or read, the MSB is read or written first, then the rest of the
data is read from or written to SC0BUF.
Wakeup function
In 9-bit UART mode, the wakeup function for slave controllers is enabled by
setting SC0MOD<WU> to 1. The interrupt INTRX0 occurs only when<RB8>
= 1.
Note: The TXD pins of the slave controllers must be in open-drain output mode.
Figure 3.11.24 Serial Link Using Wakeup Function
Master
RXD
TXD
Slave 1
RXD
TXD
Slave 2
RXD
TXD
Slave 3
RXD
TXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com