Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 197 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 197 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 193Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 194Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 195Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 196Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 197Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 198Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 199Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 200Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 201Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-195
3.12 Analog/Digital Converter
The TMP93CS40/S41 contains an analog/digital converter (AD converter) with 8-channel
analog input that features 10-bit successive approximation.
Figure 3.12.1 shows the block diagram for the AD converter. 8-channel analog input pins
(AN7 to AN0) are shared by the input only port P5 which can also be used as a general-purpose
input port.
Figure 3.12.1 Block Diagram for AD Converter
Note 1: This AD converter does not have a built-in sample and hold circuit.
Note 2: When the power supply current is reduced in IDLE2, IDLE1 or STOP mode, stop operation of the
AD converter before the HALT instruction is executed. And set ADMOD2<SPEED1:0> = “00”.
Note 3: The operation of the AD converter is guaranteed only when fc (The high-frequency oscillator) is
used (It is not guaranteed when fs is used). It is guaranteed when fFPH ≥ 4 MHz.
Internal data bus
DA converter
Multiplexer
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
Analog input
VREFH
VREFL
AD converter
control circuit
ADCH<2:0>
VREFON
EOCF ADBF REPET SCAN SPEED
ADS
AD converter mode register (ADMOD1 to ADMOD2)
Channel select
INTAD
interrupt
Start
End
Repeat Scan
Speed
Busy
+
−
AD conversion result register
(ADREG04 to ADREG37)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com