Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 198 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 198 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 194Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 195Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 196Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 197Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 198Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 199Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 200Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 201Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 202Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-196
7
6
5
4
3
2
1
0
Bit symbol
EOCF
ADBF
REPET
SCAN
ADS
ADMOD1
(005EH)
Read/Write
R
R/W
R/W
After reset
0
0
0
0
0
Function
AD
conversion
END flag
1: End
AD
conversion
BUSY flag
1: Busy
Repeat
mode
0: Single
mode
1: Repeat
mode
Scan mode
0: Fixed
channel
mode
1: Channel
scan
mode
AD
conversion
start
1: START
Note:
Always “0”
is read.
Figure 3.12.2 AD Control Register (1/2)
0
−
1
Start conversion
0
Fixed channel mode
1
Channel scan mode
AD scan mode
AD conversion start
Note: Always “0” when data is read
0
Single mode
1
Repeat mode
AD repeat mode
0
Not busy
1
Busy
AD BUSY flag
0
Not end
1
End
AD END flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com