Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 193 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 193 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 189Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 190Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 191Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 192Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 193Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 194Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 195Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 196Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 197Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-191
(2) Mode 1 (7-bit UART mode)
7-bit mode can be selected by setting the serial channel mode register
SC0MOD<SM1:0> to 01.
In this mode, a parity bit can be added. The parity bit is enabled or disabled by serial
channel control register SC0CR<PE>. Even parity or odd parity is selected using
SC0CR<EVEN> when <PE> is set to 1 (Enable).
Setting example: When transmitting data with the following format, the control
registers should be set as described below. Channel 0 is explained
here.
*
Clock configuration
System clock:
High frequency (fc)
Clock gear:
1 (fc)
Prescaler clock:
System clock
7
6
5
4
3
2
1
0
P9CR
← X X − − − − − 1
P9FC
← X X − X − XX 1
Select P90 as the TXD0 pin.
SC0MOD
← X 0 − X 0 1 0 1
Set 7-bit UART mode.
SC0CR
← X 1 1 X X X 0 0
Set even parity.
BR0CR
← 0 X 1 0 0 1 0 1
Set transfer rate at 2400 bps.
TRUN
← 1 X − − − − − −
Start the prescaler for the baud rate generator.
INTES0
← 1 1 0 0 − − − −
Enable INTTX0 interrupt and set interrupt level 4.
SC0BUF
← *
*
*
*
*
*
*
*
Set data for transmission.
X: Don’t care,
−: No change
(3) Mode 2 (8-bit UART mode)
8-bit UART mode can be selected by setting SC0MOD<SM1:0> to 10. In this mode, a
parity bit can be added. The parity bit is enabled or disabled by SC0CR<PE>. Even
parity or odd parity is selected by using SC0CR<EVEN> when <PE> is set to 10
(Enable).
Setting example: When receiving data with the following format, the control registers
should be set as described below.
*
Clock configuration
System clock:
High frequency (fc)
Clock gear:
1 (fc)
Prescaler clock:
System clock
6
Even
parity
Stop
5
4
3
2
1
Bit0
Start
Direction of transmission (Transmission rate: 2400 bps at fc
= 12.288 MHz)
6
5
4
3
2
1
Bit0
Start
Odd
parity
Stop
Direction of transmission (Transmission rate: 9600 bps at fc
= 12.288 MHz)
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com