Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 217 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 217 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 213Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 214Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 215Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 216Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 217Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 218Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 219Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 220Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 221Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-215
4.4
AD Conversion Characteristics
AVCC = VCC, AVSS = VSS
Parameter
Symbol
Power Supply
Min
Typ
Max
Unit
VCC = 5 V ± 10%
VCC − 1.5 V
VCC
VCC
Analog reference voltage (
+)
VREFH
VCC = 3 V ± 10%
VCC − 0.2 V
VCC
VCC
VCC = 5 V ± 10%
VSS
VSS
VSS + 0.2 V
Analog reference voltage (
−)
VREFL
VCC = 3 V ± 10%
VSS
VSS
VSS + 0.2 V
Analog input voltage range
VAIN
VREFL
VREFH
V
VCC = 5 V ± 10%
0.5
1.5
Analog current for analog reference
voltage
<VREFON>
= 1
VCC = 3 V ± 10%
0.3
0.9
mA
<VREFON>
= 0
IREF
(VREFL = 0 V)
VCC = 2.7 to 5.5 V
0.02
5.0
µA
VCC = 5 V ± 10%
±1.0
±3.0
Error (not including quantizing errors)
−
VCC = 3 V ± 10%
±1.0
±3.0
LSB
Note 1: 1LSB
= (VREFH − VREFL)/210 [V]
Note 2: The operation of this AD converter is guaranteed only using fc (The high-frequency
oscillator). It is not guaranteed for fs.
The operation above is guaranteed for fFPH ≥ 4 MHz.
Note 3: The value ICC includes the current which flows through the AVCC pin.
4.5
Serial Channel Timing
(1) I/O interface mode
1. SCLK input mode
Variable
32.768 MHz (Note)
12.5 MHz
20 MHz
Parameter
Symbol
Min
Max
Min
Max
Min Max Min Max
Unit
SCLK cycle
tSCY
16X
488
1.28
0.8
µs
Output data →
Rising edge or falling edge* of SCLK
tOSS
tSCY/2 − 5X − 50
91.5 µs
190
100
ns
SCLK rising edge or falling edge*
→ Output data hold
tOHS
5X − 100
152 µs
300
150
ns
SCLK rising edge or falling edge*
→ Input data hold
tHSR
0
0
0
0
ns
SCLK rising edge or falling edge*
→ Effective data input
tSRD
tSCY − 5X − 100
336 µs
780
450
ns
Note:
System clock is fs, or input clock to prescaler is divisor clock of fs.
*
The rising edge is used in SCLK rising mode.
The falling edge is used SCLK falling mode.
2. SCLK output mode
Variable
32.768 MHz (Note)
12.5 MHz
20 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min Max
Unit
SCLK cycle (Programmable)
tSCY
16X
8192X
488
250 ms
1.28
655.36
0.8
409.6
µs
Output data → SCLK rising edge
tOSS
tSCY − 2X − 150
427 µs
970
550
ns
SCLK rising edge → Output data hold
tOHS
2X − 80
60 µs
80
20
ns
SCLK rising edge → Input data hold
tHSR
0
0
0
0
ns
SCLK rising edge
→ Effective data input
tSRD
tSCY − 2X − 150
428
µs
970
550
ns
Note:
System clock is fs, or input clock to prescaler is divisor clock of fs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com