Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 218 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 218 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 214Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 215Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 216Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 217Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 218Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 219Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 220Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 221Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 222Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-216
4.6
Timer/Counter Input Clock (TI0, TI4, TI5, TI6 and TI7)
Variable
12.5 MHz
20 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Clock cycle
tVCK
8X
+ 100
740
500
ns
Low level clock pulse width
tVCKL
4X
+ 40
360
240
ns
High level clock pulse width
tVCKH
4X
+ 40
360
240
ns
4.7
Interrupt and Capture
(1) NMI and INT0 interrupts
Variable
12.5 MHz
20 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
NMI
, INT0 low level pulse width
tINTAL
4X
320
200
ns
NMI
, INT0 high level pulse width
tINTAH
4X
320
200
ns
(2) INT4 to INT7 interrupts, capture
The INT4 to INT7 input pulse width depends on the CPU operation clock and timer (9-bit
prescaler). The following shows the pulse width for each clock.
tINTBL
(INT4 to INT7 low level pulse width)
tINTBH
(INT4 to INT7 high level pulse width)
Variable
20 MHz
Variable
20 MHz
System Clock
Selected
<SYSCK>
Prescaler Clock
Selected
<PRCK1:0>
Min
Min
Min
Min
Unit
00 (fFPH)
8X
+ 100
500
8X
+ 100
500
ns
01 (fs)
8XT
+ 0.1
244.3
8XT
+ 0.1
244.3
0 (fc)
10 (fc/16)
128x
+ 0.1
6.5
128X
+ 0.1
6.5
00 (fFPH)
1 (fs)
(Note 2)
01 (fs)
8XT
+ 0.1
244.3
8XT
+ 0.1
244.3
µs
Note 1:
XT represents the frequency of the low-frequency clock fs. Calculated at fs = 32.768 kHz.
Note 2:
When using fs as the system clock, fc/16 cannot be selected as the prescaler clock.
Output mode/
input rising mode
(Input falling mode)
tSCY
3
2
1
0
tOHS
tOSS
Output data
TXD
Input data
RXD
Valid
Valid
Valid
Valid
0
1
2
3
tHSR
tSRD
SCLK
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com