Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 222 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 222 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 218Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 219Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 220Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 221Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 222Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 223Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 224Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 225Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 226Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-220
(3) Crystal resonator: Nihon Denpa Kogyo (Note 1)
Ta
= −10 to 60°C
Recommended Value
Parameter
Frequency
(MHz)
Recommended Resonator
C1 [pF]
C2 [pF]
Rd [k
Ω]
Vcc [V]
4.00
NT040016A
12
12
10.00
NT100016A
10
10
12.50
NT125016A
10
10
2.7 to 5.5
16.00
NT160016A
10
10
High-frequency
oscillation
20.00
NT200016A
7
7
0
4.5 to 5.5
Note 1: NDK AMERICA, INC.: U.S.A
Phone:
+1-510-623-6512,
Fax:
+1-510-623-6590
NDK ELECTRONICS SINGAPORE PTE, LTD.
Phone:
+65-6298-9878,
Fax:
+65-6293-1150
NDK ELECTRONICS (HK) LIMITED: HONG KONG Phone:
+852-2956-3181,
Fax:
+852-2956-1567
NDK EUROPE LIMITED: ENGLAND
Phone:
+44-20-8390-8344,
Fax:
+44-20-8390-6926
NDK FRANCE SARL: FRANCE
Phone:
+33-1-60-95-0000,
Fax:
+33-1-60-95-8200
NDK ITALY SRL: ITALY
Phone:
+39-02-96702920,
Fax:
+39-02-96703284
Note 2: High-frequency resonator
NR-18:
Lead mount type
AT-51:
Lead mount type
CP12A:
Surface mount type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com