Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 233 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 233 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 229Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 230Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 231Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 232Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 233Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 234Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 235Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 236Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 237Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-231
(7) AD converter control
Symbol
Name
Address
7
6
5
4
3
2
1
0
EOCF
ADBF
REPET
SCAN
ADS
R
R/W
R/W
0
0
0
0
0
ADMOD1
AD
mode
register 1
5EH
1: End
1: Busy
1: Repeat 1: Scan
1: Start
VREFON
SPEED1
SPEED0
ADCH2
ADCH1
ADCH0
R/W
R/W
R/W
1
0
0
0
0
0
ADMOD2
AD
mode
register 2
5FH
Ladder
resistance
switch
ON/OFF
Speed select
Analog input channel select
ADR01
ADR00
R
(Note 1)
AD
REG04L
AD result
register
0/4 low
60H
Undefined
ADR09
ADR08
ADR07
ADR06
ADR05
ADR04
ADR03
ADR02
R
AD
REG04H
AD result
register
0/4 high
61H
Undefined
ADR11
ADR10
R
(Note 1)
AD
REG15L
AD result
register
1/5 low
62H
Undefined
ADR19
ADR18
ADR17
ADR16
ADR15
ADR14
ADR13
ADR12
R
AD
REG15H
AD result
register
1/5 high
63H
Undefined
ADR21
ADR20
R
(Note 1)
AD
REG26L
AD result
register
2/6 low
64H
Undefined
ADR29
ADR28
ADR27
ADR26
ADR25
ADR24
ADR23
ADR22
R
AD
REG26H
AD result
register
2/6 high
65H
Undefined
ADR31
ADR30
R
(Note 1)
AD
REG37L
AD result
register
3/7 low
66H
Undefined
ADR39
ADR38
ADR37
ADR36
ADR35
ADR34
ADR33
ADR32
R
AD
REG37H
AD result
register
3/7 high
67H
Undefined
Note 1: Data to be stored in AD conversion result register low are the lower 2 bits of the conversion result. The contents of the
lower 6 bits of this register are always read as “1”.
ADREGXH
Converted data of channel “X”
MSB
LSB
This is “1” when this is read.
ADREGXL
9
8
7
6
543210
7
6
5
4
3210
76543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com