Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 237 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 237 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 233Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 234Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 235Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 236Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 237Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 238Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 239Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 240Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 241Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-235
(10) Clock control
Symbol
Name
Address
7
6
5
4
3
2
1
0
SCOSEL
SCOEN
ALEEN
CLKEN
R/W
0
0
0/1 (Note 1) 0/1 (Note 1)
CKOCR
Clock
output
control
register
006DH
SCOUT
select
0: fFPH
1: fSYS
SCOUT
output
control
0: I/O port
1: SCOUT
output
ALE pin
control
0:High-Z
output
1: ALE
output
CLK pin
control
0:High-Z
output
1: CLK
output
XEN
XTEN
RXEN
RXTEN
RSYSCK
WUEF
PRCK1
PRCK0
R/W
1
0
1
0
0
0
0
0
SYSCR0
System
clock
control
register 0
006EH
High-
frequency
oscillator
(fc)
0: Stop
1: Oscillation
Low-
frequency
oscillator
(fs)
0: Stop
1: Oscillation
High-
frequency
oscillator (fc)
after
release of
STOP mode
0: Stop
1: Oscillation
Low-
frequency
oscillator (fs)
after
release of
STOP mode
0: Stop
1: Oscillation
Selected
clock after
Release of
Stop mode
0: fc
1: fs
Warm-up
timer
0 Write:
Don’t care
1 Write:
Start timer
0 Read:
End
warm up
1 Read:
Continue
warm up
Select prescaler clock
00: fFPH
01: fs
10: fc/16
11: (Reserved)
SYSCK
GEAR2
GEAR1
GEAR0
R/W
0
1
0
0
SYSCR1
System
clock
control
register 1
006FH
Select
system clock
0: fc
1: fs
(Note2)
Select gear value of high frequency (fc)
000: fc
001: fc/2
010: fc/4
011: fc/8
100: fc/16
101: (Reserved)
110: (Reserved)
111: (Reserved)
Note 1:
The value after reset of <CLKEN>, <ALEEN> is as follows:
TMP93CS40: 0 (High impedance output)
TMP93CS41: 1 (CLK or ALE output)
However, during reset the CLK pin is pulled up internally on both models.
Note 2:
The high-frequency oscillator will be enabled when SYSCR1<SYSCK> is set to 0 regardless of the
value of SYSCR0<XEN>.
The low-frequency oscillator will be enabled when SYSCR1<SYSCK> is set to 1 regardless of the
value of SYSCR0<XTEN>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com