Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS40 Datasheet(PDF) 238 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 238 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 234Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 235Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 236Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 237Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 238Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 239Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 240Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 241Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 242Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-236
6.
Port Section Equivalent Circuit Diagram
•
Reading the circuit diagram
Basically, the gate symbols written are the same as those used for the standard
CMOS logic IC [74HCXX] series.
The dedicated signal is described below.
Stop: This signal becomes active “1” when the HALT mode setting register is set to
the STOP mode and the CPU executes the HALT instruction. When the drive
enable bit [DRVE] is set to “1”, however, stop remains at “0”.
•
The input protection resistance ranges from several tens of ohms to several hundreds
of ohms.
■
P0 (AD0 to AD7), P1 (AD8 to AD15, A8 to A15), P2 (A16 to A23, A0 to A7)
■
P30 ( RD ), P31 ( WR )
Output data
Output enable
Stop
Input data
Input enable
N-ch
N-ch
P-ch
I/O
Programmable
pull-down
resistance
(only port 2)
VCC
Output data
Stop
VCC
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com