Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 102 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 102 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 98Page - STMicroelectronics SPC574KX Datasheet HTML 99Page - STMicroelectronics SPC574KX Datasheet HTML 100Page - STMicroelectronics SPC574KX Datasheet HTML 101Page - STMicroelectronics SPC574KX Datasheet HTML 102Page - STMicroelectronics SPC574KX Datasheet HTML 103Page - STMicroelectronics SPC574KX Datasheet HTML 104Page - STMicroelectronics SPC574KX Datasheet HTML 105Page - STMicroelectronics SPC574KX Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 160 page
background image
Electrical characteristics
SPC574Kx
102/160
DocID023601 Rev 6
7tSUI
CC
D
SIN setup time to
SCK
CPHA = 0(9)
SCK drive strength
Very strong
25 pF
25 –
(P(10) ×tSYS(5))
—ns
Strong
50 pF
31 –
(P(10) ×tSYS(5))
—
Medium
50 pF
52 –
(P(10) ×tSYS(5))
—
SIN setup time to
SCK
CPHA = 1(9)
SCK drive strength
Very strong
25 pF
25.0
—
ns
Strong
50 pF
31.0
—
Medium
50 pF
52.0
—
SIN hold time
8tHI
CC
D
SIN hold time from
SCK
CPHA = 0(9)
SCK drive strength
Very strong
0pF
–
1+(P(9) ×tSYS(4)
)
—ns
Strong
0pF
–
1+(P(9) ×tSYS(4)
)
—
Medium
0pF
–
1+(P(9) ×tSYS(4)
)
—
SIN hold time from
SCK
CPHA = 1(9)
SCK drive strength
Very strong
0pF
–1.0
—
ns
Strong
0pF
–1.0
—
Medium
0pF
–1.0
—
SOUT data valid time (after SCK edge)
9tSUO
CC
D
SOUT data valid
time from SCK
CPHA = 0(10)
SOUT and SCK drive strength
Very strong
25 pF
—
7.0 + tSYS(5) ns
Strong
50 pF
—
8.0 + tSYS(5)
Medium
50 pF
—
16.0 + tSYS(
5)
SOUT data valid
time from SCK
CPHA = 1(10)
SOUT and SCK drive strength
Very strong
25 pF
—
7.0
ns
Strong
50 pF
—
8.0
Medium
50 pF
—
16.0
Table 54. DSPI CMOS master modified timing (full duplex and output only) – MTFE = 1, CPHA = 0
or 1(1)(Continued)
#
Symbol
C
Characteristic
Condition
Value(2)
Unit
Pad drive(3)
Load (CL)Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com