Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 109 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 109 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 105Page - STMicroelectronics SPC574KX Datasheet HTML 106Page - STMicroelectronics SPC574KX Datasheet HTML 107Page - STMicroelectronics SPC574KX Datasheet HTML 108Page - STMicroelectronics SPC574KX Datasheet HTML 109Page - STMicroelectronics SPC574KX Datasheet HTML 110Page - STMicroelectronics SPC574KX Datasheet HTML 111Page - STMicroelectronics SPC574KX Datasheet HTML 112Page - STMicroelectronics SPC574KX Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 160 page
background image
DocID023601 Rev 6
109/160
SPC574Kx
Electrical characteristics
159
Table 57. DSPI CMOS master timing – output only – timed serial bus mode TSB = 1 or ITSB = 1,
CPOL = 0 or 1, continuous SCK clock(1)(2)
#
Symbol
C
Characteristic
Condition
Value(3)
Unit
Pad drive(4)
Load (CL)Min
Max
1tSCK
CC
D
SCK cycle time
SCK drive strength
Very strong
25 pF
33.0
—
ns
Strong
50 pF
80.0
—
ns
Medium
50 pF
200.0
—
ns
2tCSV
CC
D
PCS valid after SCK(5)
SCK and PCS drive strength
Very strong
25 pF
7
—ns
Strong
50 pF
8
—ns
Medium
50 pF
16
—ns
PCS medium
and SCK
strong
PCS = 50 pF
SCK = 50 pF
29
—ns
3tCSH
CC
D
PCS hold after SCK(5)
SCK and PCS drive strength
Very strong
PCS = 0 pF
SCK = 50 pF
–14
—ns
Strong
PCS = 0 pF
SCK = 50 pF
–14
—ns
Medium
PCS = 0 pF
SCK = 50 pF
–33
—ns
PCS medium
and SCK
strong
PCS = 0 pF
SCK = 50 pF
–35
—ns
4tSDC
CC
D
SCK duty cycle(6)
SCK drive strength
Very strong
0pF
1/2tSCK –2 1/2tSCK +2 ns
Strong
0pF
1/2tSCK –2 1/2tSCK +2 ns
Medium
0pF
1/2tSCK –5 1/2tSCK +5 ns
SOUT data valid time (after SCK edge)
9tSUO
CC
D
SOUT data valid time
from SCK
CPHA = 1(7)
SOUT and SCK drive strength
Very strong
25 pF
—
7.0
ns
Strong
50 pF
—
8.0
ns
Medium
50 pF
—
16.0
ns
SOUT data hold time (after SCK edge)
1
0
tHO
CC
D
SOUT data hold time
after SCK
CPHA = 1(7)
SOUT and SCK drive strength
Very strong
25 pF
–7.7
—
ns
Strong
50 pF
–11.0
—
ns
Medium
50 pF
–15.0
—
ns
1. TSB = 1 or ITSB = 1 automatically selects MTFE = 1 and CPHA = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com