Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 124 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 124 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 120Page - STMicroelectronics SPC574KX Datasheet HTML 121Page - STMicroelectronics SPC574KX Datasheet HTML 122Page - STMicroelectronics SPC574KX Datasheet HTML 123Page - STMicroelectronics SPC574KX Datasheet HTML 124Page - STMicroelectronics SPC574KX Datasheet HTML 125Page - STMicroelectronics SPC574KX Datasheet HTML 126Page - STMicroelectronics SPC574KX Datasheet HTML 127Page - STMicroelectronics SPC574KX Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 160 page
background image
Package characteristics
SPC574Kx
124/160
DocID023601 Rev 6
Figure 51. eTQFP144 – STMicroelectronics package mechanical drawing (2 of 2)
Symbol
Dimensions
Millimeters
Inches(1)
Min
Typ
Max
Min
Typ
Max
A
—
—
1.20
—
—
0.047
A1
0.05
—
0.15
0.002
—
0.006
A2
0.95
1.00
1.05
0.037
0.039
0.041
b
0.17
0.22
0.27
0.007
0.009
0.011
c
0.09
—
0.20
0.004
—
0.008
D
21.80
22.00
22.20
0.858
0.866
0.874
D1
19.80
20.00
20.20
0.780
0.787
0.795
D2(2)
—
7.35
—
—
0.289
—
D3
—
17.50
—
—
0.689
—
E
21.80
22.00
22.20
0.858
0.866
0.874
E1
19.80
20.00
20.20
0.780
0.787
0.795
E2
—
7.35
—
—
0.289
—
E3(2)
—
17.50
—
—
0.689
—
e
—
0.50
—
—
0.020
—
L(3)
0.45
0.60
0.75
0.018
0.024
0.030
L1
—
1.00
—
—
0.039
—
k
0.0°
3.5°
7.0°
0.0°
3.5°
7.0°
ccc(4)
0.08
0.003
1. Values in inches are converted from millimeters (mm) and rounded to four decimal digits.
2. The size of exposed pad is variable depending of leadframe design pad size.
3. L dimension is measured at gauge plane at 0.25 above the seating plane.
4. Tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com