Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 107 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 107 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 103Page - ams-OSRAM AG AS3715 Datasheet HTML 104Page - ams-OSRAM AG AS3715 Datasheet HTML 105Page - ams-OSRAM AG AS3715 Datasheet HTML 106Page - ams-OSRAM AG AS3715 Datasheet HTML 107Page - ams-OSRAM AG AS3715 Datasheet HTML 108Page - ams-OSRAM AG AS3715 Datasheet HTML 109Page - ams-OSRAM AG AS3715 Datasheet HTML 110Page - ams-OSRAM AG AS3715 Datasheet HTML 111Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 159 page
background image
Page 106
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Register Description
Figure 116:
Battery_voltage_monitor
Note(s) and/or Footnote(s):
1. If VSUP falls below ResVoltFall only an interrupt is generated (if enabled) and the uProcessor can shut down the system
Addr:32h
Battery_voltage_monitor
Bit
Bit Name
Default
Access
Bit Description
7FastResEn
0
RW
0 : Vresetfall debounce time = 3msec
1 : Vresetfall debounce time = 4usec (tbd)
6
SupResEn
0
RW_SM
0 : A reset is generated if VSUP falls below 2.7V. (1)
1 : A reset is generated if VSUP falls below ResVoltFall
5:3
ResVoltFall
b000
RW_SM
This value determines the reset level ResVoltFall for falling
VBAT.
It is recommended to set this value at least 200mV lower
than ResVoltRise
0 : 2.7V
1 : 2.9V
2 : 3.1V
3 : 3.2V
4 : 3.3V
5 : 3.4V
6 : 3.5V
7 : 3.6V
2:0
ResVoltRise
b000
RO
This value determines the reset level ResVoltRise for rising
VBAT.
It is recommended to set this value at least 200mV higher
than ResVoltFall
0 : 2.7V
1 : 2.9V
2 : 3.1V
3 : 3.2V
4 : 3.3V
5 : 3.4V
6 : 3.5V
7 : 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com