Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 110 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 110 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 106Page - ams-OSRAM AG AS3715 Datasheet HTML 107Page - ams-OSRAM AG AS3715 Datasheet HTML 108Page - ams-OSRAM AG AS3715 Datasheet HTML 109Page - ams-OSRAM AG AS3715 Datasheet HTML 110Page - ams-OSRAM AG AS3715 Datasheet HTML 111Page - ams-OSRAM AG AS3715 Datasheet HTML 112Page - ams-OSRAM AG AS3715 Datasheet HTML 113Page - ams-OSRAM AG AS3715 Datasheet HTML 114Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 159 page
background image
ams Datasheet
Page 109
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Register Description
Figure 119:
ReferenceControl
Note(s) and/or Footnote(s):
1. All frequencies, timings and delays in this datasheet are based on 4MHz clk_int.
Addr:35h
ReferenceControl
Bit
Bit Name
Default
Access
Bit Description
7
on_reset_delay
0
RW_SM
Sets the ONKEY/ENx long press delay time
0 : 8 sec
1 : 4 sec if onkey_lpress_reset=0; ONKEY/ENx long
press is disabled if onkey_lpress_reset=1
6
reg_low_bias_mode
0
RW_SM
5
clk_div2
0
RW_SM
Divide internal clock oscillator by 2 to reduce
quiescent current for low power operation
0 : Normal mode
1 : Internal clock frequency divided by two. All timings
are increased by two. Switching frequency of all DCDC
converters are divided by two. Reduced transient
performance of DCDC converters.
4
standby_mode_on
0
RW_SM
Setting to 1 sets the PMU into standby mode.
All regulators are disabled except those regulators
enabled by Reg_standby_mod.
XRESET will be pulled to low. A normal startup of all
regulators will be done with any interrupt
(has to be enabled before entering standby mode).
During this startup, regulators defined by Reg standby
mode register are continuously ON.
3:1
clk_int
b000
RW_SM
Sets the internal CLK frequency fCLK used for fuel
gauge, DCDCs, PWM, ...(1)
0 : 4 MHz (default)
1 : 3.8 MHz
2 : 3.6 MHz
3 : 3.4 MHz
4 : 3.2 MHz
5 : 3.0 MHz
6 : 2.8 MHz
7 : 2.6 MHz
0
low_power_on
0
RW_SM
Enable low power mode of internal reference.
0 : Standard mode
1 : Low power mode - all specification except noise
parameters are still valid. Iq reduced by approx. 30uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com