Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 115 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 115 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 111Page - ams-OSRAM AG AS3715 Datasheet HTML 112Page - ams-OSRAM AG AS3715 Datasheet HTML 113Page - ams-OSRAM AG AS3715 Datasheet HTML 114Page - ams-OSRAM AG AS3715 Datasheet HTML 115Page - ams-OSRAM AG AS3715 Datasheet HTML 116Page - ams-OSRAM AG AS3715 Datasheet HTML 117Page - ams-OSRAM AG AS3715 Datasheet HTML 118Page - ams-OSRAM AG AS3715 Datasheet HTML 119Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 159 page
background image
Page 114
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Register Description
Figure 127:
curr_control
Figure 128:
pwm_control_l
Addr:40h
curr_control
Bit
Bit Name
Default
Access
Bit Description
7:4
curr3_ctrl
b0000
RW
ON/OFF control of the pad CURR3
0 : Current sink is turned OFF
1 : Current sink is active
2 : Current sink is active and LED string connected to SU2.
Required for automatic feedback selection.
3 : Controlled by internal PWM generator, or external, if
gpioX_iosf=4
4 : XINT output
5 : VSUP_low output
6 : Charger active output
7 : EOC output
8 : Inverted signal of ON pin as output
9 : Signal of ON pin as output
10 : 32 kHz output (derived from oscillator)
11 : PWM output
12 : PWRGOOD output
13-15 : NA
3:2
curr2_ctrl
b00
RW
ON/OFF control of the pad CURR2
0 : Current sink is turned OFF
1 : Current sink is active
2 : Current sink is active and LED string connected to SU2.
Required for automatic feedback selection.
3 : Controlled by internal PWM generator, or external, if
gpioX_iosf=4
1:0
curr1_ctrl
b00
RW
ON/OFF control of the pad CURR1
0 : Current sink is turned OFF
1 : Current sink is active
2 : Current sink is active and LED string connected to SU2.
Required for automatic feedback selection.
3 : Controlled by internal PWM generator, or external, if
gpioX_iosf=4
Addr:41h
pwm_control_l
Bit
Bit Name
Default
Access
Bit Description
7:0
pwm_l_time
b00000000
RW
This bit defines the low time of the PWM generator in 1Mhz
units
0 : pwm_div * 1usec
1 : pwm_div * 2usec
2 : pwm_div * 3usec
... : ...
255 : pwm_div * 256usec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com