Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 116 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 116 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 112Page - ams-OSRAM AG AS3715 Datasheet HTML 113Page - ams-OSRAM AG AS3715 Datasheet HTML 114Page - ams-OSRAM AG AS3715 Datasheet HTML 115Page - ams-OSRAM AG AS3715 Datasheet HTML 116Page - ams-OSRAM AG AS3715 Datasheet HTML 117Page - ams-OSRAM AG AS3715 Datasheet HTML 118Page - ams-OSRAM AG AS3715 Datasheet HTML 119Page - ams-OSRAM AG AS3715 Datasheet HTML 120Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 159 page
background image
ams Datasheet
Page 115
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Register Description
Figure 129:
pwm_control_h
Figure 130:
curr1_value
Figure 131:
curr2_value
Addr:42h
pwm_control_h
Bit
Bit Name
Default
Access
Bit Description
7:0
pwm_h_time
b00000000
RW
This bit defines the high time of the PWM generator in
1MHz units
0 : pwm_div * 1usec
1 : pwm_div * 2usec
2 : pwm_div * 3usec
... : ...
255 : pwm_div * 256usec
Addr:43h
curr1_value
Bit
Bit Name
Default
Access
Bit Description
7:0
curr1_current
b00000000
RW
Defines the current into CURR1 if enabled by curr1_ctrl
0 : Power down (default state)
1 : 0.1563mA (LSB)
... : ...
255 : 39.84mA
Addr:44h
curr2_value
Bit
Bit Name
Default
Access
Bit Description
7:0
curr2_current
b00000000
RW
Defines the current into CURR2 if enabled by curr2_ctrl
0 : Power down (default state)
1 : 0.1563mA (LSB)
... : ...
255 : 39.84mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com