Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 125 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 125 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 121Page - ams-OSRAM AG AS3715 Datasheet HTML 122Page - ams-OSRAM AG AS3715 Datasheet HTML 123Page - ams-OSRAM AG AS3715 Datasheet HTML 124Page - ams-OSRAM AG AS3715 Datasheet HTML 125Page - ams-OSRAM AG AS3715 Datasheet HTML 126Page - ams-OSRAM AG AS3715 Datasheet HTML 127Page - ams-OSRAM AG AS3715 Datasheet HTML 128Page - ams-OSRAM AG AS3715 Datasheet HTML 129Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 159 page
background image
Page 124
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Register Description
Figure 147:
ADC_MSB_result
Figure 148:
ADC_LSB_result
Figure 149:
RegStatus
Addr:71h
ADC_MSB_result
Bit
Bit Name
Default
Access
Bit Description
7
result_not_ready
0
RO
Indicates end of conversion
0 : Result is ready
1 : Conversion is running
6:0
D9_3
b0000000
RW_SM
ADC result register Bit9..Bit3
Addr:72h
ADC_LSB_result
Bit
Bit Name
Default
Access
Bit Description
2:0
D2_0
b000
RW_SM
ADC result register Bit2..Bit0
Addr:73h
RegStatus
Bit
Bit Name
Default
Access
Bit Description
7curr3_lv
0
RO
Bit is set when voltage of current sink CURR3 drops below low
voltage threshold (1ms debounce time default)
6curr2_lv
0
RO
Bit is set when voltage of current sink CURR2 drops below low
voltage threshold (1ms debounce time default)
5curr1_lv
0
RO
Bit is set when voltage of current sink CURR1 drops below low
voltage threshold (1ms debounce time default)
3sd4_lv
0
RO
Bit is set when voltage of step down4 drops below low
voltage threshold (-5%) (1ms debounce time default)
2sd3_lv
0
RO
Bit is set when voltage of step down3 drops below low
voltage threshold (-5%) (1ms debounce time default)
1sd2_lv
0
RO
Bit is set when voltage of step down2 drops below low
voltage threshold (-5%) (1ms debounce time default)
0sd1_lv
0
RO
Bit is set when voltage of step down1 drops below low
voltage threshold (-5%) (1ms debounce time default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com