Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 129 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 129 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 125Page - ams-OSRAM AG AS3715 Datasheet HTML 126Page - ams-OSRAM AG AS3715 Datasheet HTML 127Page - ams-OSRAM AG AS3715 Datasheet HTML 128Page - ams-OSRAM AG AS3715 Datasheet HTML 129Page - ams-OSRAM AG AS3715 Datasheet HTML 130Page - ams-OSRAM AG AS3715 Datasheet HTML 131Page - ams-OSRAM AG AS3715 Datasheet HTML 132Page - ams-OSRAM AG AS3715 Datasheet HTML 133Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 159 page
background image
Page 128
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Register Description
Figure 156:
ChargerControl0
Addr:7fh
ChargerControl0
Bit
Bit Name
Default
Access
Bit Description
4
usb12_feedthrough
0
RW
0 : Switch VSUP_CHG-CHGIN2 is OFF
1 : Switch VSUP_CHG-CHGIN2 is ON, charging with
CHGIN2 is disabled
3:0
usb2_current
b0100
RW_SM
Sets the USB input current limit
0 : 94mA
1 : 187mA
2 : 280mA
3 : 374mA
4 : 463mA
5 : 623mA
6 : 727mA
7 : 841mA
8 : 998mA
9 : 1100mA
10 : 1395mA
11 : 1600mA
12 : 1740mA
13 : 1956mA
14 : 2230mA
15 : 2600mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com