Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 132 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 132 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 128Page - ams-OSRAM AG AS3715 Datasheet HTML 129Page - ams-OSRAM AG AS3715 Datasheet HTML 130Page - ams-OSRAM AG AS3715 Datasheet HTML 131Page - ams-OSRAM AG AS3715 Datasheet HTML 132Page - ams-OSRAM AG AS3715 Datasheet HTML 133Page - ams-OSRAM AG AS3715 Datasheet HTML 134Page - ams-OSRAM AG AS3715 Datasheet HTML 135Page - ams-OSRAM AG AS3715 Datasheet HTML 136Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 159 page
background image
ams Datasheet
Page 131
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Register Description
Figure 159:
ChargerCurrentControl
Addr:82h
ChargerCurrentControl
Bit
Bit Name
Default
Access
Bit Description
7
eoc_current
0
RW
Sets eoc_current
0 : eoc current = trickle current
1 : eoc current = trickle current / 2
6
cc_lowlimit
1
RW
Sets the range of the charging current limit in constant
current mode.
0 : Normal mode Current = CCurrent
1 : Low current mode Current = CCurrent / 2
5:2
ConstantCurrent
b0000
RW
Sets the charging current limit in constant current mode.
Current values for low current(jeita_cool or cc_lowlimit)
and normal mode
0 : 350/750mA
1 : 400/800mA
2 : 400/850mA
3 : 450/900mA
4 : 450/950mA
5 : 500/1000mA
6 : 500/1050mA
7 : 550/1100mA
8 : 550/1150mA
9 : 600/1200mA
10 : 600/1250mA
11 : 650/1300mA
12 : 650/1350mA
13 : 700/1400mA
14 : 700/1450mA
15 : 750/1500mA
1:0
TrickleCurrent
b01
RW
Sets the charging current limit in trickle current mode.
Current values for low current(jeita_cool) and normal
mode
0 : 60/60mA
1 : 60/120mA
2 : 60/180mA
3 : 120/240mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com