Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 133 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 133 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 129Page - ams-OSRAM AG AS3715 Datasheet HTML 130Page - ams-OSRAM AG AS3715 Datasheet HTML 131Page - ams-OSRAM AG AS3715 Datasheet HTML 132Page - ams-OSRAM AG AS3715 Datasheet HTML 133Page - ams-OSRAM AG AS3715 Datasheet HTML 134Page - ams-OSRAM AG AS3715 Datasheet HTML 135Page - ams-OSRAM AG AS3715 Datasheet HTML 136Page - ams-OSRAM AG AS3715 Datasheet HTML 137Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 159 page
background image
Page 132
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Register Description
Figure 160:
Chargerconfig
Addr:83h
Chargerconfig
Bit
Bit Name
Default
Access
Bit Description
7
usb_combined
0
RW
Enables the combined mode for USB1 with 2 PMOS in
parallel for highest efficiency
0 : Combined mode for USB1 disabled
1 : Combined mode for USB1 enabled
6usb2_on
1
RW
USB1/USB2 charger selection
0 : USB1 enabled; USB2 disabled
1 : USB1 enabled; USB2 enabled; with higher priority on
USB1
5
ChVoltResume
0
RW
Sets the resume voltage level VCHRES.
0 : 0.9666*VCHOFF (120mV @ 4.2V)
1 : 0.9444*VCHOFF (233mV @ 4.2V)
4:3
temp_sel
b00
RW
Selects temperature regulation of charging current
(die temp.)
0 : 110degC
1 : 90degC
2 : 120degC
3 : 130degC
2:0
vsup_voltage
b101
RW
Voltage regulation of VSUP of the input current limiter
0 : 4.4V
1 : 4.5V
2 : 4.6V
3 : 4.7V
4 : 4.8V
5 : 4.9V
6 : 5.0V
7 : 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com