Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 137 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 137 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 133Page - ams-OSRAM AG AS3715 Datasheet HTML 134Page - ams-OSRAM AG AS3715 Datasheet HTML 135Page - ams-OSRAM AG AS3715 Datasheet HTML 136Page - ams-OSRAM AG AS3715 Datasheet HTML 137Page - ams-OSRAM AG AS3715 Datasheet HTML 138Page - ams-OSRAM AG AS3715 Datasheet HTML 139Page - ams-OSRAM AG AS3715 Datasheet HTML 140Page - ams-OSRAM AG AS3715 Datasheet HTML 141Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 159 page
background image
Page 136
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Register Description
Figure 164:
ChargerStatus2
Figure 165:
T1_adjust
Addr:87h
ChargerStatus2
Bit
Bit Name
Default
Access
Bit Description
7
usb_prot_ready_deb
0
RO
Bit indicates, that the USB input voltage protection
pin
xoff is precharged to a voltage>7.5V
xoff is pull to GND if an overvoltage on VUSB is
detected
6:4
temp_cond
0
RO
Indicates temperature condition
0h : Battery is in typical condition
1h : Battery is in cold condition (0degC condition -
bat low)
2h : Battery is in cool condition
3h : Battery is in warm condition
4h : Battery is in hot condition (60degC condition -
bat high)
3batsw2_on
0
RO
Bit indicates the status of the battery switch
batsw2_on batsw2_mode
0 0 External Battery switch open
0 1 External Battery switch open with ideal diode,
ref_ok=1
1 0 Charging mode
1 1 External Battery switch closed
2batsw2_mode
0
RO
1batsw_on
0
RO
Bit indicates the status of the battery switch
batsw_on batsw_mode
0 0 Internal Battery switch open
0 1 Internal Battery switch open with ideal diode,
ref_ok=1
1 0 Charging mode
1 1 Internal Battery switch closed
0batsw_mode
0
RO
Addr:88h
T1_adjust
Bit
Bit Name
Default
Access
Bit Description
5:0
T1_adj
d11
RW
The adjust bits set the trigger point T1lim_upper for the
temperature comparator according the specified beta of the
NTC-resistor
00h-3fh : T1lim_upper=T1min+T1_adj*7mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com