Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 139 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 139 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 135Page - ams-OSRAM AG AS3715 Datasheet HTML 136Page - ams-OSRAM AG AS3715 Datasheet HTML 137Page - ams-OSRAM AG AS3715 Datasheet HTML 138Page - ams-OSRAM AG AS3715 Datasheet HTML 139Page - ams-OSRAM AG AS3715 Datasheet HTML 140Page - ams-OSRAM AG AS3715 Datasheet HTML 141Page - ams-OSRAM AG AS3715 Datasheet HTML 142Page - ams-OSRAM AG AS3715 Datasheet HTML 143Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 159 page
background image
Page 138
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Register Description
Figure 170:
T4_T3_hyst
Figure 171:
LockRegister
Figure 172:
ASIC_ID1
Addr:8dh
T4_T3_hyst
Bit
Bit Name
Default
Access
Bit Description
7:4
T4_hyst
d8
RW
The T4_hyst bits set the hysteresis for the temperature
comparator
0h-fh : T4lim_lower=T4lim_upper+(T4_hyst+3)*7mV
3:0
T3_hyst
d9
RW
The T3_hyst bits set the hysteresis for the temperature
comparator
0h-fh : T3lim_lower=T3lim_upper+(T3_hyst+3)*7mV
Addr:8eh
LockRegister
Bit
Bit Name
Default
Access
Bit Description
1:0
reg_lock
b00
RW
Enables lock of Regulator voltages
Bits can only be set.
Reset only with full reset cycle
0 : No lock
1 : Lock of voltage of LDOs (LDO1..8_vsel) (all bits) and
voltage of StepDownBits(sd1..4_vsel) [5:6] only
2 : Lock voltage of StepDownbits 5:6 only (no LDOs)
3 : Lock voltage of StepDowns (all bits) and LDOs (all bits).
2charger_lock
0
RW
Enables lock of the following charger registers:
81h,82h,83h, Chargervoltagecontrol,
Chargercurrentcontrol, Chargerconfig
Bits can only be set.
Reset only with full reset cycle
Addr:90h
ASIC_ID1
Bit
Bit Name
Default
Access
Bit Description
7:0
ID1
h8d
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com