Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 138 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 138 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 134Page - ams-OSRAM AG AS3715 Datasheet HTML 135Page - ams-OSRAM AG AS3715 Datasheet HTML 136Page - ams-OSRAM AG AS3715 Datasheet HTML 137Page - ams-OSRAM AG AS3715 Datasheet HTML 138Page - ams-OSRAM AG AS3715 Datasheet HTML 139Page - ams-OSRAM AG AS3715 Datasheet HTML 140Page - ams-OSRAM AG AS3715 Datasheet HTML 141Page - ams-OSRAM AG AS3715 Datasheet HTML 142Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 159 page
background image
ams Datasheet
Page 137
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Register Description
Figure 166:
T2_adjust
Figure 167:
T3_adjust
Figure 168:
T4_adjust
Figure 169:
T2_T1_hyst
Addr:89h
T2_adjust
Bit
Bit Name
Default
Access
Bit Description
4:0
T2_adj
d9
RW
The adjust bits set the trigger point T2lim_upper for the
temperature comparator according the specified beta of the
NTC-resistor
00h-1fh : T2lim_upper=T2min+T2_adj*7mV
Addr:8ah
T3_adjust
Bit
Bit Name
Default
Access
Bit Description
4:0
T3_adj
d27
RW
The adjust bits set the trigger point T3lim_upper for the
temperature comparator according the specified beta of
the NTC-resistor
00h-1fh : T3lim_upper=T3min+T3_adj*7mV
Addr:8bh
T4_adjust
Bit
Bit Name
Default
Access
Bit Description
5:0
T4_adj
d43
RW
The adjust bits set the trigger point T4lim_upper for the
temperature comparator according the specified beta of the
NTC-resistor
00h-3fh : T4lim_upper=T4min+T4_adj*7mV
Addr:8ch
T2_T1_hyst
Bit
Bit Name
Default
Access
Bit Description
7:4
T2_hyst
d10
RW
The T2_hyst bits set the hysteresis for the temperature
comparator
0h-fh : T2lim_lower=T2lim_upper+(T2_hyst+3)*7mV
3:0
T1_hyst
d13
RW
The T1_hyst bits set the hysteresis for the temperature
comparator
0h-fh : T1lim_lower=T1lim_upper+(T1_hyst+3)*7mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com