Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 140 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 140 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 136Page - ams-OSRAM AG AS3715 Datasheet HTML 137Page - ams-OSRAM AG AS3715 Datasheet HTML 138Page - ams-OSRAM AG AS3715 Datasheet HTML 139Page - ams-OSRAM AG AS3715 Datasheet HTML 140Page - ams-OSRAM AG AS3715 Datasheet HTML 141Page - ams-OSRAM AG AS3715 Datasheet HTML 142Page - ams-OSRAM AG AS3715 Datasheet HTML 143Page - ams-OSRAM AG AS3715 Datasheet HTML 144Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 159 page
background image
ams Datasheet
Page 139
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Register Description
Figure 173:
ASIC_ID2
Figure 174:
SpareRegister1
Figure 175:
Fuse7
Note(s) and/or Footnote(s):
1. RegX_gpio_sel can shorten time or use GPIO1 or GPIO2 as timer.
Addr:91h
ASIC_ID2
Bit
Bit Name
Default
Access
Bit Description
3:0
revision
b0011
RO
For chips marked 2v2 (metal fuse!!!)
Addr:9bh
SpareRegister1
Bit
Bit Name
Default
Access
Bit Description
7:0
sparereg1
0
RW_SM
Addr:a7h
Fuse7
Bit
Bit Name
Default
Access
Bit Description
7del_time
b0
RW
Start sequence: Time to wait between turning ON
RegX and RegX+1.(1)
0 : 1 or 4 ms
1 : 4 or 12 ms
6
unique_id
b0
RW
0 : Disable unique ID
1 : Enable unique ID: Fuse26..31 are used for UID and
not for startup
5sequ_on
b0
RW
Start sequence
0 : Regulators are OFF after startup
1 : Turn ON regulators (see Fuse12 .. Fuse31)
4:3
tksel
b00
RW
2
sdmph_clk_div_0
b0
RW
1:0
chg_eoc_v
b00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com