Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 144 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 144 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 140Page - ams-OSRAM AG AS3715 Datasheet HTML 141Page - ams-OSRAM AG AS3715 Datasheet HTML 142Page - ams-OSRAM AG AS3715 Datasheet HTML 143Page - ams-OSRAM AG AS3715 Datasheet HTML 144Page - ams-OSRAM AG AS3715 Datasheet HTML 145Page - ams-OSRAM AG AS3715 Datasheet HTML 146Page - ams-OSRAM AG AS3715 Datasheet HTML 147Page - ams-OSRAM AG AS3715 Datasheet HTML 148Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 159 page
background image
ams Datasheet
Page 143
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Register Description
Figure 179:
Fuse11
Note(s) and/or Footnote(s):
1. If VSUP falls below ResVoltFall only an interrupt is generated (if enabled) and the uProcessor can shut down the system
Addr:abh
Fuse11
Bit
Bit Name
Default
Access
Bit Description
7
power_off_at_vsuplow
b0
RW
Switch ON Power OFF mode if low VSUP is detected
during active or standby mode (Pin ON= low and
bit auto_off=0)
0 : If low battery is detected, continuously monitor
battery voltage and startup if battery voltage is
above ResVoltrise
1 : If low battery is detected, enter power OFF mode
6ovprot_dis
b0
RW
Enables external overvoltage protection, function
of xoff
0 : Overvoltage protection disabled
1 : Overvoltage protection enabled
5on_reset_delay
b0
RW
Sets the ONKEY/ENx long press delay time
0 : 8 sec
1 : 4 sec if onkey_lpress_reset=0; ONKEY/ENx long
press is disabled if onkey_lpress_reset=1
4
onkey_lpress_reset
b0
RW
Selects behavior for ONKEY/ENx long press
0 : Change to power_off mode
1 : Reset cycle started if on_reset_delay=0;
ONKEY/ENx long press is disabled if
on_reset_delay=1
3
dcdc_chmode
b0
RW
Selects between linear and step down charger
0 : Linear charger enabled
1 : Step down charger enabled
2SupResEn
b0
RW
0 : A reset is generated if VSUP falls below 2.7V.(1)
1 : A reset is generated if VSUP falls below
ResVoltFall
1gpio12_in_en
b0
RW
Enables input_pulldown for gpio1,gpio2 if this bit is
set
0 : gpio1_mode and gpio2_mode are default (b011)
1 : gpio1_mode and gpio2_mode set to (b101)
input with pulldown
0
dis_bypass
b0
RW
Used in charger FSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com