Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 145 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 145 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 141Page - ams-OSRAM AG AS3715 Datasheet HTML 142Page - ams-OSRAM AG AS3715 Datasheet HTML 143Page - ams-OSRAM AG AS3715 Datasheet HTML 144Page - ams-OSRAM AG AS3715 Datasheet HTML 145Page - ams-OSRAM AG AS3715 Datasheet HTML 146Page - ams-OSRAM AG AS3715 Datasheet HTML 147Page - ams-OSRAM AG AS3715 Datasheet HTML 148Page - ams-OSRAM AG AS3715 Datasheet HTML 149Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 159 page
background image
Page 144
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Register Description
Figure 180:
Fuse12
Figure 181:
Fuse13
Figure 182:
Fuse14
Addr:ach
Fuse12
Bit
Bit Name
Default
Access
Bit Description
7:6
Reg4_gpio_sel
b00
RW
See Reg1_gpio_sel
5:4
Reg3_gpio_sel
b00
RW
See Reg1_gpio_sel
3:2
Reg2_gpio_sel
b00
RW
See Reg1_gpio_sel
1:0
Reg1_gpio_sel
b00
RW
Waiting period before setting regulator[Reg1_select] =
reg1_V. Power-down uses same timing (Wait time after
turning OFF).
0 : No delay: Wait 0 ms. Then set Reg1 voltage.
1 : Delay: Wait 1 ms (del_time=1: 4 ms). Then set Reg1
voltage.
2 : Delay: Wait 4 ms (del_time=1: 12 ms). Then set Reg1
voltage.
3 : GPIO3 control: Wait 0 ms. Then set Reg1 voltage. Set
gpio_ctrl_xxx=3 (Reg1 controlled by GPIO3)
Addr:adh
Fuse13
Bit
Bit Name
Default
Access
Bit Description
7:4
Reg2_select
b0000
RW
3:0
Reg1_select
b0000
RW
Selects Regulator address for startup sequence(Slot0)
Address 00..0Fh selectable (fill up empty timeslots with the
last regulator)
00h : SD1
.. : ..
03h : SD4
04h : LDO1
.. : ..
0Bh : LDO8
0Ch : GPIO1
.. : ..
0Fh : GPIO4
Addr:aeh
Fuse14
Bit
Bit Name
Default
Access
Bit Description
7:0
reg1_V
b00000000
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com