Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 150 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 146Page - STMicroelectronics STA321 Datasheet HTML 147Page - STMicroelectronics STA321 Datasheet HTML 148Page - STMicroelectronics STA321 Datasheet HTML 149Page - STMicroelectronics STA321 Datasheet HTML 150Page - STMicroelectronics STA321 Datasheet HTML 151Page - STMicroelectronics STA321 Datasheet HTML 152Page - STMicroelectronics STA321 Datasheet HTML 153Page - STMicroelectronics STA321 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 157 page
background image
I2C disabled (microless) mode
STA321
150/157
Doc ID 15351 Rev 3
15
I2C disabled (microless) mode
Figure 55.
Microless mode block diagram
In microless mode (I2CDIS = 1) the I2C interface is inhibited and SDA and SCL are used as
static inputs. The device is working in the configuration shown in Figure 55 with the ADC
connected to input line 1 and to SAI out. The processing chain uses the inputs from SAI
input 1. The working modes are selected via the logical levels on the inputs SDA, SCL as
follows:
SCL = 0 : CMOS bridge outputs come from digital input serial audio interface;
SCL = 1 : CMOS bridge outputs come from analog ADC input.
SDA = 0 : external amplifier outputs come from digital input serial audio interface;
SDA = 1 : external amplifier outputs come from analog ADC input.
At power-up the channel volume is set to -60 dB. The volume is controlled by pulsing the
inputs LRCLKO and BICLKO as follows:
when pulsing LRCLKO = 1 and BICLKO = 1 simultaneously the channel volume is set
to 0 dB.
Any LRCLKO = 1 pulse causes a channel volume decrease of 0.5 dB.
Any BICLKO = 1 pulse causes a channel volume increase of 0.5 dB.
The channel volume change applies only to the external amplifier.
The digital output serial audio interface is always fed with the result of the ADC conversion
with no volume control (line-out mode). It is in master mode when SCL = 1 and SDA = 1
otherwise it is in slave mode. It is configured in I2S format.
The LRCLK and BICLK signals are shared between input and output SAI.
4-channel
sample rate
converter
Vol
ctrl
FFX™
modulator
Input
SAI
Osc
PLL
Divider
Output
SAI
CMOS
bridge
ADC
V_BIAS
VCM
VHI
VLO
BICLKI1
LRCLKI1
SDATAI1
INL1
INR1
BICLKI2
LRCLKI2
SDATAI2
INL2
INR2
SDATAO1
EAPWM4
EAPWM3
EAPWM2
EAPWM1
OUT1
OUT2
OUT3
PWM00
EAFTN
EATSN
EAPDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com