Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 154 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 149Page - STMicroelectronics STA321 Datasheet HTML 150Page - STMicroelectronics STA321 Datasheet HTML 151Page - STMicroelectronics STA321 Datasheet HTML 152Page - STMicroelectronics STA321 Datasheet HTML 153Page - STMicroelectronics STA321 Datasheet HTML 154Page - STMicroelectronics STA321 Datasheet HTML 155Page - STMicroelectronics STA321 Datasheet HTML 156Page - STMicroelectronics STA321 Datasheet HTML 157Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 154 / 157 page
background image
Glossary
STA321
154/157
Doc ID 15351 Rev 3
17
Glossary
Total harmonic distortion + noise (THDN)
The ratio of the RMS value of all the spectral components in the specified band (20 Hz -
20 kHz) to the RMS values of the signal fundamental component. THDN is measured at
0 dBfs input at a frequency of 1 kHz.
Signal to noise plus distortion ratio (SNDR)
Ratio between power of signal fundamental component and “noise+distortion”. It is
measured at different input levels: 0 dBfs, -3 dBfs, -6 dBfs, -10 dBfs, -20 dBfs, -40 dBfs,
-60 dBfs. When the signal amplitude is less than 0 dBfs, that much dB is added to obtain the
final SNR. For example, if SNDR is 87 dB with -6dBfs signal, then SNR = 87 + 6 = 93 dB.
Dynamic range (DR)
Dynamic range is measured using SNDR at -60 dBfs, 1 kHz signal and adding 60 dB. For
example, if SNDR with -60 dBfs is 38 dB then the dynamic range is 38 + 60 = 98 dB.
Crosstalk
Crosstalk is the measure of the inter-channel isolation between the left and right channels of
a stereo system. It is measured at each output with zero input to the channel under test and
a full-scale input applied to the other channel.
Deviation from linear phase
Measurement bandwidth 20 Hz to 20 kHz, fS = 48 kHz. The measurement takes into
account the combined digital and analog filter characteristics.
Pass band, pass-band ripple, stop band, stop-band attenuation
These parameters take into account both analog and digital filter characteristics. Stop-band
attenuation should be measured between 0.55 * fS and 3.45 * fS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com