Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 151 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 147Page - STMicroelectronics STA321 Datasheet HTML 148Page - STMicroelectronics STA321 Datasheet HTML 149Page - STMicroelectronics STA321 Datasheet HTML 150Page - STMicroelectronics STA321 Datasheet HTML 151Page - STMicroelectronics STA321 Datasheet HTML 152Page - STMicroelectronics STA321 Datasheet HTML 153Page - STMicroelectronics STA321 Datasheet HTML 154Page - STMicroelectronics STA321 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 157 page
background image
STA321
I2C disabled (microless) mode
Doc ID 15351 Rev 3
151/157
The input sampling frequency must be between 32 kHz and 48 kHz and the master clock
input (MCLK or XTI) must be 256 * fS.
The CMOS bridge FFX output is configured in line-out mode:
left channel binary on OUT1
right channel binary on OUT2
zero signal binary (duty cycle 50%) on OUT3
pop-free digital ramp active
volume control not effective (always 0 dB)
switching frequency 384 kHz.
The external amplifier FFX output is configured in BTL mode:
left channel BTL (new ternary modulation) on EAPWM1 and EAPWM2
right channel BTL (new ternary modulation) on EAPWM1 and EAPWM2
volume control is effective
switching frequency 384 kHz.
The headphone detection is disabled.
The CLKOUT pad is active at the PLL frequency of 2048 * fS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com